PART |
Description |
Maker |
E28F004B5T60 E28F004B5T80 28F200B5 E28F400B5B60 E2 |
SMART 5 BOOT BLOCK FLASH MEMORY FAMILY 2/ 4/ 8 MBIT SMART 5 BOOT BLOCK FLASH MEMORY FAMILY 2 / 4 / 8 MBIT Dual-Slot, PCMCIA Analog Power Controller SMART 5 BOOT BLOCK FLASH MEMORY FAMILY 2, 4, 8 MBIT 1M X 8 FLASH 5V PROM, 90 ns, PDSO48 DIRECTIONAL COUPLER, 20DB, SMT 256K X 8 FLASH 5V PROM, 70 ns, PDSO48 SMART 5 BOOT BLOCK FLASH MEMORY FAMILY 2, 4, 8 MBIT 1M X 8 FLASH 5V PROM, 80 ns, PDSO48
|
Intel Corporation Intel Corp. Intel, Corp.
|
TE28F008B3B120 |
SMART 3 ADVANCED BOOT BLOCK BYTE-WIDE 1M X 8 FLASH 3V PROM, 120 ns, PDSO40
|
Intel, Corp.
|
28F008C3 GT28F160C3B110 GT28F016C3B90 TE28F008C3T1 |
3 VOLT ADVANCED BOOT BLOCK 8- / 16- / 32-MBIT FLASH MEMORY FAMILY STANDOFF HEX 6-32THR 2.5L ALUM TVS, 6.5CA, BI, 6.5V, 400W, SMT 3 VOLT ADVANCED BOOT BLOCK 8-, 16-, 32-MBIT FLASH MEMORY FAMILY 3伏高级启动块8 - 6 - 32 - Mbit闪存家庭 3 VOLT ADVANCED BOOT BLOCK 8-, 16-, 32-MBIT FLASH MEMORY FAMILY 3伏高级启动块8 - 16 - 32 - Mbit闪存家庭 3 VOLT ADVANCED BOOT BLOCK 8-, 16-, 32-MBIT FLASH MEMORY FAMILY 3伏高级启动块8 - 6 - 2 - Mbit闪存家庭 TVS UNIDIRECT 7.5V 400W SMA
|
Intel Corp. Intel, Corp.
|
28F800B5 E28F400B5-B80 E28F400B5-T80 E28F200B5-B80 |
SMART 5 BOOT BLOCK, FLASH MEMORY FAMILY 2, 4, 8 MBIT Smart 5 boot block flash memory 4 Mbit. Access speed 80 ns Smart 5 boot block flash memory 2 Mbit. Access speed 80 ns Smart 5 boot block flash memory 4 Mbit. Access speed 60 ns Smart 5 boot block flash memory 8 Mbit. Access speed 70 ns Smart 5 boot block flash memory 8 Mbit. Access speed 90 ns Smart 5 boot block flash memory 2 Mbit. Access speed 60 ns
|
Intel
|
28F640C3 |
3 Volt Advanced Boot Block Flash Memory(3 V 楂?骇蹇??寮?????????ㄥ?)
|
Intel Corp.
|
TE28F640C3 |
(TE28Fxxx) 3 Volt Advanced Boot Block Flash Memory
|
Intel Corporation
|
28F320B3 28F008_800B3 28F004_400B3 28F640B3 28F016 |
3 Volt Advanced Boot Block Flash Memory From old datasheet system
|
Intel
|
M29W160EB70N1 M29W160EB70N1T M29W160EB70N6 M29W160 |
16-Bit Edge-Triggered D-Type Flip-Flop With 3-State Outputs 56-BGA MICROSTAR JUNIOR -40 to 85 16兆位(含2Mb x8兆x16插槽,引导块3V电源快闪记忆 CAP 3300UF 6.3V ELECT FC RADIAL 16兆位(含2Mb x8兆x16插槽,引导块V电源快闪记忆 16 Mbit (2Mb x8 or 1Mb x16 / Boot Block) 3V Supply Flash Memory 16 MBIT (2MB X8 OR 1MB X16, BOOT BLOCK) 3V SUPPLY FLASH MEMORY 70ns; V(in/out): -0.6 to 0.6V; 16Mbit (2Mb x 8 or 1Mb x 16, boot block) 3V supply flash memory
|
STMicroelectronics N.V. ST Microelectronics SGS Thomson Microelectronics
|
AB28F200BR-T80 A28F200BR-TB A28F200BR-B AB28F200BR |
2-MBIT (128K X 16. 256K X 8) SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY JT 42C 42#22 PIN RECP 2-MBIT (128K X 16, 256K X 8) SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY 2-MBIT (128K X 16/ 256K X 8) SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY 2-Mbit (128K x 16, 256K x 8) SmartVoltage boot block flash memory. Access speed 80 ns
|
Intel Corp.
|
E28F004BL-T150 E28F004BL-B150 E28F400BL-T150 PA28F |
4-MBlT (256K x 16/ 512K x 8) LOW-POWER BOOT BLOCK FLASH MEMORY FAMILY ECONOLINE: RM & RL - Single Output Rail- Industry Standard Pinout- 1kVDC & 2kVDC Isolation- High Efficiency for Low Power Applications- UL94V-0 Package Material- Toroidal Magnetics- Fully Encapsulated- Efficiency to 80% Series 320 tactile switch with multiple color and cap options FireWire Current Limiter and Low-Drop ORing Switch Controller 4 MBlT56K × 16。为512k × 8)低功耗启动块闪存系列 4-MBlT (256K x 16. 512K x 8) LOW-POWER BOOT BLOCK FLASH MEMORY FAMILY 4 MBlT56K × 16。为512k × 8)低功耗启动块闪存系列 4-MBlT (256K x 16, 512K x 8) LOW-POWER BOOT BLOCK FLASH MEMORY FAMILY 512K X 8 FLASH 12V PROM, 150 ns, PDSO40 4-MBlT (256K x 16, 512K x 8) LOW-POWER BOOT BLOCK FLASH MEMORY FAMILY 512K X 8 FLASH 12V PROM, 150 ns, PDSO56
|
Intel Corporation Intel Corp. Rochester Electronics, LLC Intel, Corp. Sharp, Corp.
|
AT49BV002A AT49BV002AN AT49V002ANT AT49V002AT AT49 |
AT49BV002A(N)(T) [Updated 8/03. 19 Pages] 256K x 8 (2M bit). 2.7-Volt Read and 2.7-Vold Write. Top or Bottom Boot Parametric Block Flash 256K x 8 (2M bit), 2.7-Volt Read and 2.7-Volt Write, Top Boot Parametric Block Flash 256K x 8 (2M bit), 2.7-Volt Read and 2.7-Volt Write, Bottom Boot Parametric Block Flash
|
Atmel
|